Part Number Hot Search : 
1N6268A C4704 BCM5464 MN5291H S1L50000 E6071 SR05F3 U5001
Product Description
Full Text Search
 

To Download HDMKP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDMKP
Vishay ESTA
Capacitors For Power Electronics
FEATURES
* Highest RMS current rating, low ESR * High impulse current rating * Very low inductance * Extremely low losses even at high frequencies * High reliability and life expectancy * Heavy duty shock and vibration * Non-polar dielectric * Dry, resin filled * Easy mounting by integrated M12 stud on base * Highest energy content
GENERAL SPECIFICATIONS
Dielectric Temperature coefficient (TCC) Dissipation factor (DF) Series Resistance (Rs) Capacitance tolerance Operating temperature Metalized Polypropylene - 2.3% from - 20C to + 70C < 8 x 10-4/1kHz; < 50 x 10-4/10kHz < 3m/1kHz; 8m/100kHz 5% - 40C to + 70C at UN - 40C to + 85C at 0.7 x UN - 40C to + 100C at 0.5 x UN < 50nH 100,000 hours at UN and 60C 300FIT Terminal/Terminal = 1.5 x UNDC, 10s Terminal/Earth = 2 x UR + 1000VAC, 60s Aluminum/Lathene; UL 94V0 Resin Dry, UL 94, V0 IEC 61071-1, EN 61071, IEC 68-2 and IEC 61881
Inductance Lifetime expectancy Reliability Test voltage
Casing material Filling Standards
Document Number 13115 Revision 26-Mar-03
www.vishay.com 1
HDMKP
Vishay ESTA
DIMENSIONS
45 1 M8 x 13 deep
Capacitors For Power Electronics
45 1 M8 40 1 M6
9.2
rating plate
22 1
27
plastic
rating plate
plastic
rating plate
plastic
H 1.5
H 1.5
aluminium
aluminium
H 1.5
aluminium
16
16
M12
M12
16
M12
DWG 1
DWG 2
DWG 3
TYPE DESCRIPTION
TYPE RATED VOLTAGE CAPACITANCE CURRENT* du/dt HDMKP DC (V) AC (V) (F) MAX. (A) MAX.(V/s) 900-360 900 220 360 50 20 900-460 900 220 460 100 15 900-720 900 220 720 100 15 900-950 900 220 950 80 15 900-1080 900 220 1080 150 15 1.35-160 1350 325 160 50 30 1.35-200 1350 325 200 100 30 1.35-320 1350 325 320 100 30 1.35-400 1350 325 400 80 30 1.35-480 1350 325 480 150 30 2.0-70 2000 500 70 50 50 2.0-90 2000 500 90 100 50 2.0-140 2000 500 140 100 50 2.0-180 2000 500 180 80 50 2.0-210 2000 500 210 150 50 2.25-55 2250 550 55 50 60 2.25-75 2250 550 75 100 60 2.25-110 2250 550 110 100 60 2.25-150 2250 550 150 80 60 2.25-165 2250 550 165 150 60 2.7-40 2700 660 40 50 50 2.7-50 2700 660 50 100 50 2.7-80 2700 660 80 100 50 2.7-100 2700 660 100 80 50 2.7-120 2700 660 120 150 50 Note: Other voltage and capacitance values are available upon request. Voltage up to 4800VDC *Design current for short-time operation at 50C www.vishay.com 2 HEIGHT (mm) 105 135 185 235 260 105 135 185 235 260 105 135 185 235 260 105 135 185 235 260 105 135 185 235 260 WEIGHT (kg) 0.71 0.92 1.25 1.6 1.75 0.71 0.92 1.25 1.6 1.75 0.71 0.92 1.25 1.6 1.75 0.71 0.92 1.25 1.6 1.75 0.71 0.92 1.25 1.6 1.75
Document Number 13115 Revision 26-Mar-03
40 1
84.4
84.4
84.4
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of HDMKP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X